Part Number Hot Search : 
D880Y KF5N50D MAS3549F S2CCMK EMSBC 2D100 TZA102 1S121
Product Description
Full Text Search
 

To Download GS431BI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description the gs431b/tl431a/tl431 are 3-terminal adjustable precision shunt regulators with guaranteed temperature stability over the applicable extended commercial temperature range. the output voltage may be set at any level greater than 2.495v (v ref ) up to 30v merely by selecting two external resistors that act as a voltage divider network. these devices have a typical output impedance of 0.08 ? . active output circuitry provides very sharp turn-on characteristics, making these devices excellent improved replacements for zener diodes in many applications. the precise ?.5% reference voltage tolerance of the gs431b makes it possible in many applications to avoid the use of a variable resistor, consequently saving cost and eliminating drift and reliability problems associated with it. applications ?voltage monitor ?delay timer ?constant-current source/sink ?high-current shunt regulator ?crow bar ?over-voltage/under-voltage protection mechanical data case: so-8, sot-23, sot-89, to-92 high temperature soldering guaranteed: 260?/10 seconds at terminals case outlines are on the back pages features ?programmable output voltage to 30v ?precision reference voltage gs431b: 2.495v ?.5% tl431a: 2.495v ?.0% tl431: 2.495v ?.6% ?sink current capability: 200ma. ?minimum cathode current for regulation: 250 a ?equivalent full-range temperature coefficient: 50 ppm/ c ?fast turn-on response ?low dynamic output impedance: 0.08 ? ?low output noise to-92 lp suffix u suffix sot-23 s suffix so-8 x suffix sot-89 1 2 3 1 2 3 symbol block diagram a node (a) ref (r) cathode (c) ref (r) + - anode (a) cathode (c) 2.495v 1 2 3 4 8 7 6 5 1 2 3 gs431b/tl431a/tl431 vishay formerly general semiconductor preliminary adjustable precision shunt regulators document number 74806 www.vishay.com 1-jul-02 1
ordering information GS431BIxx package code so-8: s to-92: lp sot-89: x sot-23: u-1/u-2 u-1: pin 1, cathode pin 2, v ref pin 3, anode u-2: pin 1, v ref pin 2, cathode pin 3, anode tolerance default: 1.6% tl431xixx a: 1.0% package code so-8: s to-92: lp sot-89: x sot-23: u-1/u-2 1 2 3 1 2 3 4 8 7 6 5 1 2 3 1 2 3 top view 1. cathode 2. v ref 3. anode cathode anode anode nc ref anode anode nc 1 2 3 top view 1. v ref 2. cathode 3. anode top view 1. v ref 2. anode (tab) 3. cathode top view 1. v ref 2. anode 3. cathode top view so-8 sot-23 (u-1) sot-23 (u-2) sot-89 to-92 marking information sot-23 gs431b, (u-1) daxxxx * tl431a, (u-1) dbxxxx tl431, (u-1) dcxxxx gs431b, (u-2) ddxxxx tl431a, (u-2) dexxxx tl431, (u-2) dgxxxx * last two digits denote datecode gs431b/tl431a/tl431 vishay formerly general semiconductor www.vishay.com document number 74806 2 1-jul-02
electrical characteristics t a = 25 c unless otherwise noted. parameter symbol t est conditions min typ max unit v z = v ref gs431b 2.482 2.495 2.508 i l = 10ma (fig. 1) tl431a 2.470 2.495 2.520 reference voltage v ref t a = 25 c tl431 2.455 2.495 2.535 v v z = v ref gs431b 2.475 2.520 i l = 10ma (fig. 1) tl431a 2.445 2.545 t a = 40 c to +85 c tl431 2.43 2.56 deviation of reference ? v ref v z = v ref t a = 0 c to 70 c 9.0 20 mv input voltage over temperature (1) i l = 10ma t a = 40 c to +85 c (fig. 1) 15.0 50 ratio of the change in reference voltage ? v ref i z = 10ma v z = v ref ~ 10v 0.5 2.0 mv/v to the change in cathode voltage ? v z (fig. 2) v z = 10v ~ 30v 0.35 1.5 reference input current i ref r1 = 10k ? , r2 = t a = 25 c 0.8 3.5 a i l = 10ma (fig. 2) t a = 40 c to +85 c 4.5 deviation of reference input r1 = 10k ? , r2 = current over temperature i ref i l = 10ma 0.3 1.2 a t a = 40 c to +85 c (fig. 2) minimum cathode current i z(min) v z = v ref (fig. 1) 0.25 0.5 ma for regulation off-state current i z(off) v z = 30v, v ref = 0v (fig 3) 0.1 1.0 a dynamic output impedance (2) r z v z = v ref , f = 1.0kh z 0.08 0.3 ? ? iz = 1.0ma to 50ma absolute maximum ratings t a = 25 c unless otherwise noted. parameter symbol value unit cathode voltage v z 30 v continuous cathode current i z 10 to 250 ma reference input current range i ref 0.05 to10 ma operating temperature range t oper 40 to 85 c junction temperature t j 150 c lead temperature t l 260 c storage temperature tstg 65 to 150 c thermal resistance to-92 package 115 sot-23 package r ja 310 c/w so-8 package 163 sot-89 package 120 gs431b/tl431a/tl431 vishay formerly general semiconductor document number 74806 www.vishay.com 1-jul-02 3
t 2 t temperature 1 v max min v dev = v max min -v v the average temperature coefficient of the reference input voltage, v ref is defined as: t1 t2 10 6 c) 25 (at v v t1 t2 10 6 c) 25 (at v v - v c ppm v ref dev ref min max ref = = where: t 2 t 1 = full temperature change. the slope can be positive or negative depending on whether v max or v min occurs at the lower ambient temperature. example: ? v ref = 9.0mv, v ref = 2495mv, t 2 - t 1 = 70 c, slope is positive. c 50ppm/ v ref = c 70 10 6 2495mv 9.0mv = note 2. the dynamic output impedance, r z , is defined as: when the device is programmed with two external resistors, r1 and r2, (see fig. 2), the dynamic output impedance of the overall circuit, is defined as: z ? v z r = ? z i r2 r1 1 r z i z v z z r + ? ? = note 1. deviation of reference input voltage, ? v ref , is defined as the maximum variation of the reference input voltage over the full temperature range. v ref i ref i z v z i l in r2 r1 v ref i ref i z v z in i l note: v z =v ref (1+r1/r2)+i ref xr1 in v z i z(off) fff c fig. 1 test circuit for v z =v ref fig. 2 test circuit for v z >v ref fig. 3 test circuit for off-state current gs431b/tl431a/tl431 vishay formerly general semiconductor www.vishay.com document number 74806 4 1-jul-02
document number 74806 www.vishay.com 1-jul-02 5 1.15 1.10 1.05 1.00 0.95 0.90 0.85 0.80 0.75 0.70 1.20 fig. 6 ?reference input current vs. temperature reference input current ( a) temperature ( c) -40 -20 0 20 40 60 80 100 120 --40 --20 0 20 40 60 80 100 120 r1=10k ? r2= i z =10ma i z =10ma t a =25 c v z = v ref i z = 1ma to 100ma f 1kh z v z =v ref v z =30v 0.28 0.24 0.20 0.16 0.12 0.08 0.04 0.00 fig. 7 ?dynamic impedance vs. temperature dynamic impedance ( ? ) temperature ( c) 5 101520253035 40 fig. 8 ?change in reference voltage vs. cathode voltage change in reference voltage (mv) cathode voltage (v) --12 --10 -- 8 -- 6 -- 4 -- 2 0 0 2.5 2.0 1.5 1.0 0.5 0.0 --40 0 60 40 20 -20 80 100 120 fig. 9 ?off-state cathode current vs. temperature off-state cathode current ( a) temperature ( c) 1000 800 600 400 200 0 -200 -400 -800 fig. 4 ?cathode current vs. cathode voltage fig. 5 ?reference voltage vs. temperature cathode current ( a) 2.58 2.56 2.54 2.52 2.50 2.48 2.46 2.44 2.42 2.40 reference voltage (v) cathode voltage (v) temperature ( c) -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -40 -20 0 20 40 60 80 100 120 v z = v ref t a = 25 c tl431 v z = v ref i z = 10ma i z(min) v ref max v ref typ v ref min typical performance characteristics gs431b/tl431a/tl431 vishay formerly general semiconductor
0 1 2 3 2 4 6 0 fig. 12 pulse response fig. 13 test circuit for pulse fig. 15 test circuit for dynamic 1 s/div 0.1 1 10 1k 10k 100k 1m fig. 14 dynamic impedance vs. dynamic impedance ( ? ) (v) frequency (h z ) ra 50 ? rb 220 ? 431 output pulse generator f=100khz r1 50 + ac 1v r2 50 431 gnd output i z =10ma t a =25 c input output r1 10k r 250 + v in c in 47 f v1 431 output i z =10ma t a =25 c a v 0 10 20 30 40 50 60 70 80 10 100 1k 10k 100k 1m 10m fig. 10 small signal voltage amplification vs. frequency fig. 11 test circuit frequency response small-signal voltage amplification frequency (h z ) -- 1 0 gs431b/tl431a/tl431 vishay formerly general semiconductor www.vishay.com document number 74806 6 1-jul-02
fig. 17 delay timer fig. 18 voltage monitor fig. 16 typical application circuit fig. 20 current limiter or current source fig. 19 constant-current sink v in r1a r2a r1b r2b r on off c v in + n ( v vv in in ref ) r 1 i out v in r v in 1 i out i out =v ref / r 1 i out =v ref / r 1 led on when low limit v out r1 r2 v in v in r1 r2 v out fuse r1a r2a r2b r1b v in output on when low limit 5 123 4 6.20 5.80 87 6 4.00 3.80 0.51 0.33 1.27 (typ.) 0.25 0.10 5.00 4.80 1.75 1.35 1.27 0.40 0.25 0.19 so-8 case outline dimensions in millimeters 0.10 1 2 3 top view 3.10 2.70 3.00 2.60 1.80 1.40 0.90 0.70 1.90 (typ.) 0.25 0.10 0.50 0.35 1.30 1.00 0.37 1 9 1 sot-23 case outline dimensions in millimeters gs431b/tl431a/tl431 vishay formerly general semiconductor document number 74806 www.vishay.com 1-jul-02 9
to-92 case outline dimensions in millimeters 5.33 4.32 1.27 (typ.) bottom view 12.7 0.38 (typ.) 5.20 4.40 4.20 3.17 sot-89 case outline 1.83 1.62 1.60 1.40 4.60 4.40 top view 4.25 3.94 2.60 2.29 1.20 0.89 3.00 (typ.) 1.50 (typ.) 0.48 0.36 0.44 0.35 12 3 dimensions in millimeters gs431b/tl431a/tl431 vishay formerly general semiconductor www.vishay.com document number 74806 10 1-jul-02


▲Up To Search▲   

 
Price & Availability of GS431BI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X